Part Number Hot Search : 
19010352 155320A 3020401 05012 MC34063 FODM3023 BRF1060 08A10
Product Description
Full Text Search
 

To Download TC7MBD3245FK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7MBD3245FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBD3245FK
Octal Bus Switch
The TC7MBD3245FK provides eight bits of high-speed TTL-compatible bus switching in a standard '245 device pinout. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. The device is organized as one 8-bit switch. When output enable ( OE ) is low, the switch is on and port A is connected to port B. When OE is high, the switch is open and a high-impedance state exists between the two ports. The internal diode which adds to power supply line is enable to realize the shift of signal level from 5 V to 3.3 V. All inputs are equipped with protection circuits against static discharge.
Weight: 0.03 g (typ.)
Features
* * * * * * * Operating voltage: VCC = 4.5~5.5 V High speed: tpd = 0.25 ns (max) Low on resistance: RON = 5 (typ.) ESD performance: Human body model > 2000 V Machine model > 200 V Compatible with TTL outputs (control inputs) Package: VSSOP (US20) Pin compatible with the 74xx245 type. Functionally equivalent to (FST/CBT) 3245.
Pin Assignment (top view)
NC A1 A2 A3 A4 A5 A6 A7 A8
1 2 3 4 5 6 7 8 9
20 19 18 17 16 15 14 13 12 11
VCC
OE
B1 B2 B3 B4 B5 B6 B7 B8
GND 10
(top view) NC-No Internal Connection
000630EBA1
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The Toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These Toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of Toshiba products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
2000-07-04
1/6
TC7MBD3245FK
Truth Table
Inputs
OE
Function A port = B port Disconnect
L H
System Diagram
A1 B1
A8
B8
OE
Maximum Ratings
Characteristics Power supply range DC input voltage DC switch voltage Input diode current Continuous channel circuit Power dissipation DC VCC/ground current Storage temperature Symbol VCC VIN VS IIK IS PD ICC/IGND Tstg Rating -0.5~7.0 -0.5~7.0 -0.5~7.0 -50 128 180 100 -65~150 Unit V V V mA mA mW mA C
Recommended Operating Conditions
Characteristics Supply voltage Input voltage Switch voltage Operating temperature Input rise and fall time Symbol VCC VIN VS Topr dt/dv Rating 4.5~5.5 0~5.5 0~5.5 -40~85 0~10 Unit V V V C ns/V
2000-07-04
2/6
TC7MBD3245FK
Electrical Characteristics DC Characteristics (Ta = -40~85C)
Characteristics "H" level "L" level High-level output voltage Input leakage current Off-STATE leakage current (switch off) ON resistance (Note2) Symbol VIH VIL VOH IIN ISZ Figure 4 VIN = 0~5.5 V A, B = 0~5.5 V, OE = VCC VIS = 0 V IIS = 64 mA IIS = 30 mA Test Condition VCC (V) Input voltage 4.5~5.5 4.5~5.5 5.5 0~5.5 4.5 4.5 4.5 5.5 5.5 5.5 2.0 Min Typ. (Note1) 5 5 35 Max 0.8 1.0 1.0 7 7 15 1.5 10 2.5 mA A mA A A Unit
V
RON
VIS = 2.4 V, IIS = 15 mA ICC ICC VIN = VCC or GND IOUT = 0 VIN = 3.4 V (one input) Switch ON Switch OFF
Quiescent supply current Increase in ICC per input
Note1: Typical values are at VCC = 5 V, Ta = 25C. Note2: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = -40~85C)
Characteristics Propagation delay time (bus to bus) Output enable time Symbol tpLH tpHL tpZL tpZH Output disable time tpLZ tpHZ Figure 1, Figure 3 4.5 Figure 1, Figure 3 4.5 Test Condition VCC (V) Figure 1, Figure 2 (Note3) 4.5 0.25 ns Min Max Unit
7.0
ns
6.0
ns
Note3: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Capacitive Characteristics (Ta = 25C)
Characteristics Control pin input capacitance Switch terminal capacitance Symbol CIN CI/O
OE = VCC
Test Condition VCC (V) (Note4) (Note4) 5.0 5.0
Typ. 3 10
Unit pF pF
Note4: This parameter is guaranteed by design.
2000-07-04
3/6
TC7MBD3245FK
AC Test Circuit
Open 7.0 V GND Measure CL = 50 pF RL = 500 CL RL
Switch RL
Paramenter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH
Switch Open 7.0 V Open
Output
Figure 1 AC Waveform
tr Input (A, B) 2.5 ns tf 90% 1.5 V 10% 2.5 ns 3.0 V
GND
Output (B, A) tpLH
VOH 1.5 V tpHL VOL
Figure 2
tpLH, tpHL
tr Output Enable ( OE )
2.5 ns
tf 90% 1.5 V
2.5 ns 3.0 V 10%
GND
tpLZ Output (A, B) Low to Off to Low tpHZ Output (A, B) High to Off to High Outputs enabled
tpZL 3.5 V 1.5 V VOL + 0.3 V VOH - 0.3 V 1.5 V GND Outputs disabled Outputs enabled tpZH VOL VOH
Figure 3
tpLZ, tpHZ, tpZL, tpZH
2000-07-04
4/6
TC7MBD3245FK
VOH - VCC Characteristics (typ.)
4.5 4.5
(V)
4.0
100 A 6 mA 12 mA 24 mA
(V)
Ta = 85C
Ta = 25C 4.0 100 A 3.5 6 mA 12 mA 24 mA
High-level output voltage VOH
3.5
3.0
High-level output voltage VOH
5.75
3.0
2.5
2.5
2.0
2.0
1.5 4.50
4.75
5.00
5.25
5.50
1.5 4.50
4.75
5.00
5.25
5.50
5.75
Power supply voltage VCC
(V)
Power supply voltage VCC
(V)
4.5
(V)
Ta = 0C 4.0 100 A 3.5 6 mA 12 mA 24 mA
High-level output voltage VOH
3.0
2.5
2.0
1.5 4.50
4.75
5.00
5.25
5.50
5.75
Power supply voltage VCC
(V)
Figure 4
2000-07-04
5/6
TC7MBD3245FK
Package Dimensions
Weight: 0.03 g (typ.)
2000-07-04
6/6


▲Up To Search▲   

 
Price & Availability of TC7MBD3245FK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X